|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION SHEET JFW MODEL 016-841-XX CABLE ASSEMBLY RF Connectors Frequency Range Impedance Cable Type SMA female to N male DC-6000 MHz 50 Ohms nominal RG-402 JFW Industries, Inc. Phone: 317-887-1340 sales@jfwindustries.com www.jfwindustries.com Inner Conductor: 19 AWG silver coated copper-covered steel Outer Conductor: Copper-tin flexible composite braid with 100% shield coverage VSWR < 1.05:1 typical < 1.10:1 typical < 1.15:1 typical 0.10 0.15 0.22 0.27 0.33 0.36 0.44 550 350 250 185 150 135 115 dB/foot dB/foot dB/foot dB/foot dB/foot dB/foot dB/foot Watts Watts Watts Watts Watts Watts Watts DC-500 MHz 500-1500 MHz 1500-6000 MHz @ @ @ @ @ @ @ 500 MHz 1000 MHz 2000 MHz 3000 MHz 4000 MHz 5000 MHz 6000 MHz Insertion Loss typical typical typical typical typical typical typical @ @ @ @ @ @ @ RF Input Power average average average average average average average 500 MHz 1000 MHz 2000 MHz 3000 MHz 4000 MHz 5000 MHz 6000 MHz Physical Size See outline drawing 092-6359 ECR/ECN # DATE 11/16/2009 REV APPR / DATE TRS 11/16/2009 ECR/ECN # DATE REV APPR / DATE Page 1 of 1 JFW FORM E-7-F REV F |
Price & Availability of 016-841-XX |